Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download 1SMA4732 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SURFACE MOUNT SILICON ZENER DIODE
1SMA4732 - 1SMA4760 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Power Dissipation @ Ta=50C Derate Above 50C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load Operating Junction and Storage Temperature Range
SYMBOL *PD
VALUE 1.0 6.67
UNIT W mW/C A C
**IFSM Tj, Tstg
10 - 55 to +150
* Mounted on 5.0mm2 ( 0.013mm thick) land areas ** Measured on 8.3ms, and single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) VF @ 200mA <1.2V Zener Impedance Zener Voltage Reverse Leakage VZ @ IZT ZZT @ IZT ZZK @ IZK IR @ VR Device # (V) +/- 5% (mA) (mA) (V) () () (A) Nom. V min max max max max 4.7 4.50 4.90 8.0 500 1.0 10 1.0 1SMA4732 53.0 5.1 5.40 7.0 550 1.0 10 1.0 1SMA4733 4.80 49.0 5.6 5.90 5.0 600 1.0 10 2.0 1SMA4734 5.30 45.0 6.2 6.50 2.0 700 1.0 10 3.0 1SMA4735 5.90 41.0 6.8 7.10 3.5 700 1.0 10 4.0 1SMA4736 6.50 37.0 7.5 7.90 4.0 700 0.50 10 5.0 1SMA4737 7.10 34.0 8.2 8.60 4.5 700 0.50 10 6.0 1SMA4738 7.80 31.0 9.1 8.60 9.60 5.0 700 0.50 10 7.0 1SMA4739 28.0 10 9.50 10.50 7.0 700 0.25 10 7.6 1SMA4740 25.0 11 10.50 11.60 8.0 700 0.25 0.1 8.4 1SMA4741 23.0 12 11.40 12.60 9.0 700 0.25 0.1 9.1 1SMA4742 21.0 13 12.40 13.70 10 700 0.25 0.1 9.9 1SMA4743 19.0 15.80 14 700 0.25 0.1 11.4 15 14.30 1SMA4744 17.0 16.80 16 700 0.25 0.1 12.2 16 15.20 1SMA4745 15.5 18.90 20 750 0.25 0.1 13.7 18 17.10 1SMA4746 14.0 21.00 22 750 0.25 0.1 15.2 20 19.00 1SMA4747 12.5 23.10 23 750 0.25 0.1 16.7 22 20.90 1SMA4748 11.5 22.80 25.20 25 750 0.25 0.1 18.2 24 1SMA4749 10.5 27 25.70 28.40 35 750 0.25 0.1 20.6 1SMA4750 9.5 30 28.50 31.50 40 1000 0.25 0.1 22.8 1SMA4751 8.5 33 31.40 34.70 45 1000 0.25 0.1 25.1 1SMA4752 7.5 36 34.20 37.80 50 7.0 1000 0.25 0.1 27.4 1SMA4753 39 37.10 41.00 60 6.5 1000 0.25 0.1 29.7 1SMA4754 43 40.90 45.20 70 6.0 1500 0.25 0.1 32.7 1SMA4755
1SMA4732_4760Rev080205E
Marking Code 732B 733B 734B 735B 736B 737B 738B 739B 740B 741B 742B 743B 744B 745B 746B 747B 748B 749B 750B 751B 752B 753B 754B 755B
Continental Device India Limited
Data Sheet
Page 1 of 5
SURFACE MOUNT SILICON DIODE
1SMA4732 - 1SMA4760 DO214-AC (SMA) DO-214AC (SMA) Surface Mount Package
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) VF @ 200mA <1.2V Zener Impedance Zener Voltage Reverse Leakage VZ @ IZT ZZT @ IZT ZZK @ IZK IR @ VR Device # (V) +/- 5% (mA) (mA) (V) () () (A) Nom. V min max max max max 1SMA4756 47 44.70 49.40 80 5.5 1500 0.25 0.1 35.8 1SMA4757 51 48.50 53.60 95 5.0 1500 0.25 0.1 38.8 1SMA4758 56 53.20 58.80 110 4.5 2000 0.25 0.1 42.6 1SMA4759 62 58.90 65.10 125 4.0 2000 0.25 0.1 47.1 1SMA4760 68 64.60 71.40 150 3.7 2000 0.25 0.1 51.7
1SMA4732_4760Rev080205E
Marking Code 756B 757B 758B 759B 760B
Continental Device India Limited
Data Sheet
Page 2 of 5
1SMA4732 - 1SMA4760 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
DO-214AC (SMA) SMD Plastic Package
DIM A B C D
Min 4.06 2.18 1.29 0.152
Max 4.57 2.79 1.70 0.305
DIM E F G H
Min 1.70 0.89 0.102 4.70
Max 2.31 1.50 0.203 5.31
All Dimensions are in mm
1SMA4732_4760Rev080205E
Continental Device India Limited
Data Sheet
Page 3 of 5
1SMA4732 - 1SMA4760 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
SMA Packaging Tape
All Dimensions are in mm
Packaging Information
Package/ Case Type DO-214AC (SMA) T & R: Tape and Reel Packaging Type Std. Packing Qty 5,000 Qty Inner Carton Size L x W x H (cm) Gross Weight (Kg) Qty 50K Outer Carton Size L x W x H Gross Weight (cm) (Kg) 46 x 38 x 22 7.9
T&R
1SMA4732_4760Rev080205E
Continental Device India Limited
Data Sheet
Page 4 of 5
Reel Dimensions and Components/Reel for SMD Package
1SMA4732 - 1SMA4760 (4V7 - 68V) DO-214AC (SMA)
Package
Tape Width
Reel Specifications Reel Dia. A - Max 330
DO-214AC (SMA) 12 All Dimensions are in mm
Inside Thickness W 12.4 2
Reel Thickness T - max 18.4
Components Disposal Instructions 1. CDIL Semiconductor Devices are non-recyclable RoHS free material, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
1SMA4732_4760Rev080205E
Continental Device India Limited
Data Sheet
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1SMA4732

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X